FCS-3052 version: 1 3-megapixel day/night poe dome network camera - ir leds the levelone FCS-3052 is a 3-megapixel dome network camera with video resolution of up to 2032x1536. the camera supports h.264/mpeg-4/mjpeg video compressions, making it an efficient and cost-effective means of surveillance for your business. together with 12 infrared leds and removable ir-cut filter, the FCS-3052 is perfect for delivering low-noise images in total darkness, at a distance of up to 10 meters. no need to install this camera near a power source, power and data are received through a single ethernet cable using power over ethernet (poe) technology. it is also equipped with one digital input/output (1di/1do) for alarm and sensor. in addition, we offer you a free dynamic level1dns? service, which is very useful if you don?t have a fixed public ip address, and provides you with an easy-to-memorize domain address. the FCS-3052 is indisputably the best choice for 24 hours indoor surveillance of areas such as offices, banks, and retail stores. www.level1.com page 1 of 6
key features - 3-megapixel (2032x1536) high-definition resolution - ieee 802.3af poe compliant to simplify deployment and installation - built-in infrared leds for night viewing up to 10m - removable ir-cut filter for day and night surveillance - compression: h.264/mpeg-4/mjpeg - supports 3 video streams simultaneously - digital input/output (1di/1do) for sensor and alarm - provides privacy masks for private area protection - supports motion detection and event notification via e-mail or ftp - easy internet monitoring via configuration free level1dns? service - dual power support: 12vdc/poe (ieee 802.3af) - free 64-channel monitoring software included (supports icamsecure app) highlight free bundled 64-channel management software we aim to offer you the most versatile and comprehensive surveillance solutions. our free ip camsecure software coming allows you to monitor up to 64 ip cameras simultaneously on one screen to enhance scalability. for added convenience and flexibility, the software includes various advanced features such as scheduling recording, event alert, and heaps more. in addition, simply install our free icamsecure app to your smartphone and connect to the pc with ip camsecure software installed, you will easily turn your iphone/android smartphone into a portable surveillance system for real-time monitoring and snapshot. works well with www.level1.com page 2 of 6
fcs-9404 ip camsecure pro4 mega (4-channel) nvr-0104 4-channel network video recorder wap-6003 150mbps wireless access point specifications system specifications image sensor: 3-megapixel 1/2.5" progressive scan cmos connectors and cabling: 1 x rj-45 10/100 mbps poe port 1 x dc power terminal block (12v) i/o terminal block (di/do & audio) button: reset button indicator: power / link lens: board lens, fixed-focal, f=4 mm, f1.6 ir cut filter: removable infrared-cut filter for day & night function ir led: 12 ir leds for illumination up to 10m shutter time: 1/2 ~ 1/20,000 sec. angle of view: 62 pan/tilt/zoom: 4x digital zoom video compression: h.264 / mpeg4 / mjpeg resolution: 3m (2032x1536) / 1080p (1920x1080) / sxga (1280x1024) / wxga (1280x800) / 720p (1280x720) / xga( 1024x768) / svga (800x600) / d1 (720x480) / vga (640x480) / qvga (320x240) video format: asf www.level1.com page 3 of 6
audio compression: g.711 / amr power: power consumption: 6w power input: dc12v / 802.3af poe standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3af power over ethernet (poe) tcp/ip, udp, icmp, dhcp, ntp, dns, ddns, smtp, ftp, http, samba, pppoe, upnp, bonjour, rtp, rtsp, rtcp features general: dns: easy internet monitoring via configuration free level1dns? service security: alarm and notification: alarm: motion detection; audio detection; di/do notification: http, ftp, smtp, samba access control: multi-level user access with password protection ip address filtering https encrypted data transmission video: image setting: - adjustable image size, quality and bit rate - configurable brightness, sharpness, contrast, saturation, white balance and exposure - agc/awb/aes - flip & mirror - privacy mask - time stamp and text caption overlay streaming: up to 3 video streams motion detection: 3 detection zones audio: streaming: 2-way audio input/output: mic/line input, line output performance number of clients: 10 data transfer rate: 10/100mbps frame rate: up to 18 fps at 2032x1536 up to 30 fps at 1920x1080 minimum illumination: 1 lux (without led) 0 lux (with led) environment temperature (c): operating: 0c ~ 40c humidity (non-condensing): operating: 10% ~ 80% www.level1.com page 4 of 6
physical specifications dimensions (w x d x h mm): 149.95 x 149.95 x 115.6 mm weight (g): 507 g others approval and compliance: ce, fcc deployment: ceiling mount operation systems: microsoft windows 7/vista/xp viewing system requirements: browser: internet explorer 6.x or above cell phone: 3gpp player real player: 10.5 or above quick time 6.5 or above diagram order information FCS-3052 package contents power adapter power terminal block i/o terminal block rj45 ethernet cable screw kit alignment sticker quick installation guide resource cd (user manual, utility, 64-ch monitoring software) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 5 of 6
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 6 of 6
|